Part Number Hot Search : 
31DQ10 KSC5026M D22396EJ HD641 TCA305 CAT25C64 1AD22D T080605
Product Description
Full Text Search
 

To Download VY2392M43Y5US6V5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28535 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 13-apr-10 87 ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac vy2 series vishay bccomponents capacitors with 5.0 mm, 7. 5 mm and 10 mm lead spacing operating temperature range - 40 c to + 125 c temperature characteristics see ordering information tables climatic category 40/125/21 according to en 60068-1 coating according to ul 94 v-0 epoxy resin, isolating, flame retardant approvals enec - vde de 1-30691 ul 1414 file e183844 csa 22.2 packaging bulk; tape and reel; taped ammopack features ? complying with iec 60384-14, 3 rd edition ? high reliability ? vertical (inline) kinked or straight leads ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition applications ? across-the-line ? line by-pass ? antenna coupling design the capacitors consist of a ceramic disc both sides of which are silver-plated. connection leads are made of tinned copper having a diameter of 0.6 mm. the capacitors may be supplied with vertic al (inline) kinked leads having a lead spacing of 5.0 mm, 7.5 mm, or 10.0 mm. encapsulation is made of fla mmable resistant epoxy resin in accordance with ul 94 v-0 capacitance range 10 pf to 0.01 f rated voltage u r iec 60384-14.2: (x1): 440 v ac , 50 hz (y2): 300 v ac , 50 hz test voltage component test (100 %) 2600 v ac , 50 hz, 2 s (2600 v ac for ls 7.5 mm and 10 mm) (2200 v ac for ls 5.0 mm) random sampling test (destructive test) 2600 v ac , 50 hz, 60 s voltage proof of coating (destructive test) 2600 v ac , 50 hz, 60 s insulation resistance 10 000 m minimum tolerance of capacitance 20 % (code m); 10 % (code k) dissipation factor 2.5 % maximum the capacitors meet the essential requirements of eia 198. unless stated otherwise all electrical values apply at an ambient temperature of 25 c 3 c, at normal atmospheric conditions quick reference data description class x1 (u2j) class x1 (y5s) class x1 (y5u) class y2 (u2j) class y2 (y5s) class y2 (y5u) voltage (v ac ) 440 300 min. capacitance (pf) 10 68 680 10 68 680 max. capacitance (pf) 47 680 10 000 47 680 10 000 mounting through hole s h = 4.0 mm max. l = 30.0 mm 5.0 mm t d f ? d 0.6 mm e = 3.0 mm max.
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28535 88 revision: 13-apr-10 vy2 series vishay bccomponents ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac ordering information c (pf) tol. (%) temp. coefficient body diameter d max. (mm) body thickness t max. (mm) lead spacing f (mm) coating extension e max. (2) (mm) clear text code 15 th digit: t = reel; u = ammo; 3 = bulk (1) rohs compliant rohs and halogen-free vy2 for leadspacing 5.0 mm 2200 v ac , 50 hz, 2 s 10 10 u2j (n750) 7.5 5.0 5.0 3.0 vy2100k29u2js6*v5 vy2100k29u2jg6*v5 15 vy2150k29u2js6*v5 vy2150k29u2jg6*v5 22 vy2220k29u2js6*v5 vy2220k29u2jg6*v5 33 vy2330k29u2js6*v5 vy2330k29u2jg6*v5 47 vy2470k29u2js6*v5 vy2470k29u2jg6*v5 68 y5s (2c3) vy2680k29y5ss6*v5 vy2680k29y5sg6*v5 100 vy2101k29y5ss6*v5 vy2101k29y5sg6*v5 150 vy2151k29y5ss6*v5 vy2151k29y5sg6*v5 220 vy2221k29y5ss6*v5 vy2221k29y5sg6*v5 330 vy2331k29y5ss6*v5 vy2331k29y5sg6*v5 470 vy2471k29y5ss6*v5 vy2471k29y5sg6*v5 680 20 y5u (2e3) vy2681m29y5us6*v5 vy2681m29y5ug6*v5 1000 vy2102m29y5us6*v5 vy2102m29y5ug6*v5 1500 8.0 vy2152m31y5us6*v5 vy2152m31y5ug6*v5 2200 9.0 vy2222m35y5us6*v5 vy2222m35y5ug6*v5 3300 10.5 vy2332m41y5us6*v5 vy2332m41y5ug6*v5 3900 11.0 vy2392m43y5us6*v5 vy2392m43y5ug6*v5 ordering information c (pf) tol. (%) temp. coefficient body diameter d max. (mm) body thickness t max. (mm) lead spacing f (mm) coating extension e max. (2) (mm) clear text code 15 th digit: t = reel; u = ammo; 3 = bulk (1) rohs compliant rohs and halogen-free vy2 for leadspacing 7.5 mm 2600 v ac , 50 hz, 2 s 10 10 u2j (n750) 7.5 5.0 7.5 3.0 vy2100k29u2js6*v7 vy2100k29u2jg6*v7 15 vy2150k29u2js6*v7 vy2150k29u2jg6*v7 22 vy2220k29u2js6*v7 vy2220k29u2jg6*v7 33 vy2330k29u2js6*v7 vy2330k29u2jg6*v7 47 vy2470k29u2js6*v7 vy2470k29u2jg6*v7 68 10 y5s (2c3) vy2680k29y5ss6*v7 vy2680k29y5sg6*v7 100 vy2101k29y5ss6*v7 vy2101k29y5sg6*v7 150 vy2151k29y5ss6*v7 vy2151k29y5sg6*v7 220 vy2221k29y5ss6*v7 vy2221k29y5sg6*v7 330 vy2331k29y5ss6*v7 vy2331k29y5sg6*v7 470 vy2471k29y5ss6*v7 vy2471k29y5sg6*v7 680 vy2681m29y5us6*v7 vy2681m29y5ug6*v7 1000 20 y5u (2e3) vy2102m29y5us6*v7 vy2102m29y5ug6*v7 1500 8.0 vy2152m31y5us6*v7 vy2152m31y5ug6*v7 2200 9.0 vy2222m35y5us6*v7 vy2222m35y5ug6*v7 3300 10.5 vy2332m41y5us6*v7 vy2332m41y5ug6*v7 3900 11.0 vy2392m43y5us6*v7 vy2392m43y5ug6*v7 4700 12.5 vy2472m49y5us6*v7 vy2472m49y5ug6*v7 6800 14.5 vy2682m59y5us63v7 vy2682m59y5ug63v7 0.01 f 16.0 vy2103m63y5us63v7 vy2103m63y5ug63v7
document number: 28535 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 13-apr-10 89 vy2 series ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac vishay bccomponents notes (1) 15 th digit of the clear text co de number to be completed with the packaging code. (2) on request available: 10 % tolerance for capacitance value 680 pf. (3) on request available: 10 % tolerance for capacitance value 680 pf. ? straight leads are available on request. leadspacing 10.0 mm leadspacing 10.0 mm note ? the capacitors are suppl ied in bulk packaging (cardboard boxe s), in tape on reel in ammopack straigth leads ordering information c (pf) tol. (%) temp. coefficient body diameter d max. (mm) body thickness t max. (mm) lead spacing f (mm) coating extension e max. (3) (mm) clear text code 15 th digit: t = reel; u = ammo; 3 = bulk (1) rohs compliant rohs and halogen-free vy2 for leadspacing 10.0 mm 2600 v ac , 50 hz, 2 s 10 10 u2j (n750) 7.5 5.0 10.0 3.0 vy2100k29u2js6*v0 vy2100k29u2jg6*v0 15 vy2150k29u2js6*v0 vy2150k29u2jg6*v0 22 vy2220k29u2js6*v0 vy2220k29u2jg6*v0 33 vy2330k29u2js6*v0 vy2330k29u2jg6*v0 47 vy2470k29u2js6*v0 vy2470k29u2jg6*v0 68 y5s (2c3) vy2680k29y5ss6*v0 vy2680k29y5sg6*v0 100 vy2101k29y5ss6*v0 vy2101k29y5sg6*v0 150 vy2151k29y5ss6*v0 vy2151k29y5sg6*v0 220 vy2221k29y5ss6*v0 vy2221k29y5sg6*v0 330 vy2331k29y5ss6*v0 vy2331k29y5sg6*v0 470 vy2471k29y5ss6*v0 vy2471k29y5sg6*v0 680 20 y5u (2e3) vy2681m29y5us6*v0 vy2681m29y5ug6*v0 1000 vy2102m29y5us6*v0 vy2102m29y5ug6*v0 1500 8.0 vy2152m31y5us6*v0 vy2152m31y5ug6*v0 2200 9.0 vy2222m35y5us6*v0 vy2222m35y5ug6*v0 3300 10.5 vy2332m41y5us6*v0 vy2332m41y5ug6*v0 3900 11.0 vy2392m43y5us6*v0 vy2392m43y5ug6*v0 4700 12.5 vy2472m49y5us6*v0 vy2472m49y5ug6*v0 6800 14.5 vy2682m59y5us63v0 vy2682m59y5ug63v0 0.01 f 16.0 vy2103m63y5us63v0 vy2103m63y5ug63v0 packaging capacitance value size code body diameter d max. (mm) packaging quantities bulk reel ammo 10 pf to 4700 pf 29 to 49 12.5 1000 1000 1000 6800 pf to 0.01 f 59 to 63 16.0 500 - - packaging capacitance value size code body diameter d max. (mm) packaging quantities bulk reel ammo 10 pf to 4700 pf 29 to 49 12.5 1000 500 750 6800 pf to 0.01 f 59 to 63 16.0 500 500 750 d max. f d = 0.6 mm coating exten s ion r 3.0 max. 30 mm to 3.0 mm ( r) t max.
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28535 90 revision: 13-apr-10 vy2 series vishay bccomponents ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac notes (1) see ordering information table (2) cumulative pitch error: 1 mm/20 pitches (3) obliquity maximum 3 a detail a d 0 f l p 1 p 2 p 0 t 1 t t d p p p h h ? d f w 1 w 2 w 0 w h 0 h 1 e inline kink (v) leaded capacitor s on tape, lead s pacing 5.0 mm (0.20"), 7.5 mm (0.30") and 10 mm (0.40") dimension of tape symbol parameter dimensions (mm) fig.1 5 mm fig.1 7.5 mm fig.2 10 mm d (1) body diameter 11.0 max. 14.0 max. 16.0 max. d lead diameter 0.6 0.05 0.6 0.05 0.6 0.05 p pitch of component 12.7 1 15.0 1 25.4 1 p 0 (2) pitch of sprocket hole 12.7 0.3 15.0 0.3 12.7 0.3 p 1 (3) distance, hole center to lead 3.85 0.7 3.75 0.7 7.7 1.0 p 2 (3) distance, hole to center of comp onent 6.35 1.3 7.5 1.5 12.7 1.5 f lead spacing 5.0 (+ 0.6/- 0.4) 7.5 (+ 0.6/- 0.4) 10.0 (+ 0.6/- 0.4) h average deviation across tape 1.0 max. 1.0 max. 1.0 max. p average deviation in direction of reeling 1.0 max. 1.0 max. 1.0 max. w carrier tape width 18.0 + 1/- 0.5 18.0 + 1/- 0.5 18.0 + 1/- 0.5 w 0 hold-down tape width 5.0 min. 5.0 min. 5.0 min. w 1 position of sprocket hole 9.0 + 0.75 - 0.5 9.0 + 0.75 - 0.5 9.0 + 0.75 - 0.5 w 2 distance of hold-down tape 3.0 max. 3.0 max. 3.0 max. h 1 maximum component height 32 40 40 h 0 height to seating plane (for kinked leads) 16.0 0.5 16.0 0.5 16.0 0.5 h 0 height to seating plane (for straight leads) 20.0 0.5 20.0 0.5 20.0 0.5 l length of cut leads 11.0 max. 11.0 max. 11.0 max. i length of lead protrusi on 1.0 max. 1.0 max. 1.0 max. d 0 diameter of sprocket hole 4. 0 0.2 4.0 0.2 4.0 0.2 t total tape thickness 0.9 max. 0.9 max. 0.9 max.
document number: 28535 for technical questions, contact: cdc@vishay.com www.vishay.com revision: 13-apr-10 91 vy2 series ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac vishay bccomponents reel and tape data in millimeters standard recognition iec 60384 - 14/3rd issue (2005)- safety tests ul 1414 - across-the-line, antenna-coupling and line-by-pass component cqc - china quality certification centre-safety tests marking: 2 sides (example) label (example) 28 1.5 355.6 2.0 330 360 55 ammopack with capacitor s on tape vy2 472 m y2 300 ~ x1 440 ~ xxxx 250 ~ 10 4 digit date code (year/week) front back
www.vishay.com for technical questions, contact: cdc@vishay.com document number: 28535 92 revision: 13-apr-10 vy2 series vishay bccomponents ac line rated disc capacitors class x1, 440 v ac , class y2, 300 v ac note ? the capacitors meet the essential requirements of eia 198. unless stated otherwise all electrical values apply at an ambient t emperature of 25 c 3 c, at normal atmospheric conditions. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 vy2-472 vy2-392 vy2-332 vy2-222 vy2-152 vy2-102 vy2-681 vy2-471 vy2-331 vy2-221 vy2-151 ac voltage v rm s typical current v s . voltage (leakage current) at 60 hz 25 c current i (a) 0 20 40 60 80 100 120 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 current i (a) 100 pf 68 pf 47 pf 33 pf 22 pf 10 pf typical current v s . voltage (leakage current) at 60 hz 25 c ac voltage v rm s
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VY2392M43Y5US6V5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X